Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2521 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2521
Description  single-chip bi-directional motor driver CMOS IC for low-voltage applications.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2521 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
1. GENERAL DESCRIPTION
HM2521 is a single-chip bi-directional motor driver CMOS IC for low-voltage applications. It is designed by
LSI high technology with a low-power and low-cost process. It has H bridge driver of built-in MOSFET power
switch to provide Forward / Reverse / Brake / Stop function for motor driver applications.
2. FEATURES
(1). Wide operating voltage: 1.8V ~ 9.6V.
(2). H bridge driver of internal PMOS/NMOS power switches.
(3). Support 4 operating mode: Forward / Backward / Brake / Stop.
(4). Low standby current (Typ.=0.1uA).
(5). Over 1800mA output current capability.
(6). Built-in Thermal Shutdown (TSD) circuit.
(7). CMOS input. Built-in input pull-low resistance and no current-limit resistance required.
(8). High 5KV Human Body Mode (HBM) ESD protection.
(9). Stop (Standby) mode will take place when logic power VDD is switched off or voltage is too low.
(10).Only ESOP-8 package type is available.
5
4
8
7
6
IN1
IN2
1
2
3
GND2
OUT1
GND1
OUT2
VCC
VDD
5
4
8
7
6
IN1
IN2
1
2
3
GND2
OUT1
GND1
OUT2
VCC
VDD
5
4
8
7
6
IN1
IN2
1
2
3
GND2
OUT1
GND1
OUT2
VCC
VDD
8-pin ESOP-8
: Exposed Pad.
Connect to PCB ground plane for heat dissipation.
Ex-Pad
(GND)
HM25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com