Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNB-2012 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # ADNB-2012
Description  Optical Mouse Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-2012 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button ADNB-2012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNB-2012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25˚C, VDD3 = 3.3, VDD5 = 5.0,
Clock = 24 MHz.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current (Mouse Moving)
IDD3
12.1
20.1
mA
Supply Current (Mouse Moving)
IDD5
6.1
12.4
mA
Pin 6 = 0.6 V
Supply Current (Mouse Not Moving) IDD5
2.5
mA
Pin 6 = 0.6 V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2V
Output Low Voltage (LED)
VOL
0.3
0.5
V
IOL = 2 mA
Output Low Voltage (XA, XB, YA, YB) VOL
0.5
V
IOL = 4 mA
Output High Current (XA, XB, YA, YB) IOH
100
300
600
µAVOH = 2.1 V
Output High Current (LED)
IOHBD
1.5
3.1
6
mA
VBE = 0.6 V
Input Pullup (RB, MB, LB)
IPU
100
300
600
µAVIN = 0.8 V
Output Low Voltage (PS/2)
VOL
0.41
0.5
V
IOL = 10 mA
Output Pullup Current (PS/2)
IOH
300
625
1500
µAVOH = 2.0 V
Reset Pullup Current
IRESET
510
20
µAVNRESET = 2.0 V
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Operating Temperature
TA
040
˚C
Supply Voltage
VDD3
3.15
3.3
3.45
V
Supply Voltage
VDD5
4.25
5.0
5.5
V
Clock Frequency
CLK
23.88
24.00
24.12
MHz
Set by ceramic resonator
17.4
18.432
18.7
For generic PS/2 operation
Resonator Impedance
XRES
40
Ω
Reset Capacitor
CRESET
0.001
0.22
10.0
µF
Distance from Lens Reference
A
2.3
2.4
2.5
mm
Dimension A on HDNS-2100
Plane to Surface
data sheet
Speed
S
0
16
in/sec
0
39
cm/sec
Acceleration
ACC
0
0.2
g
Light Level onto IC
IRRINC
2500
mW/m^2
λ = 639 nm
40
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com