Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM3123 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3123
Description  85V - 2A BUCKHigh withstand voltage and high efficiency constant voltage step-down converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3123 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3123 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3123 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3123 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3123 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3123 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3123 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
0HV
APPLICATION and PCB reference:
1. Put input capacitor close to
HM3123 and larger than 100uF or 200uF if over 60V input.
尽量把输入电容靠近芯片输入脚
,容量不小于100uF,如输入电压超过70V,最好在输入对GND加80V的TVS管,防止过冲.
2. Put Schottky diode close to SW and GND pin of chip , choose better heat-sink package like SMB or SMC.
尽量把肖特基二极管靠近芯片的
SW脚与GND,选择SMB或SMC等散热好的封装.电流耐压都要有20%以上的余量.
3. Choose high efficiency inductor, like the Iron-silicon-aluminum, or some SMT inductors.
尽量选择材质好点的贴片电感或铁硅铝电感
.标称电流相对实际电流要有50%的余量.
4. The external NMOS, choose the Vds value 20V higher than the input volage at least.
外置
MOS的标称耐压要比实际的输入电压高20V,譬如输入70V, 选择100V的MOS.
5. The external NMOS, choose the I(D) value 8-12 times higher than the output current at least.
外置
MOS的标称耐流要比实际的输出电流高8-12倍,譬如输出1A, 建议选择10A的MOS.
6. In order to reduce output ripple, the output capacitor should be larger than 220uF.
为了得到更好的输出纹波
,输出电容别小于220uF.
7. In order to reduce the heat, use more ground area all around PCB.
为了得到更好的散热
, PCB板上, IC的底部与周边空的地方,包括PCB8的正反面全部铺满地.
8.
Vout = 0.8V * (1 + R3/R2)
R2 = 47K ~ 82K
9. If need need 5A-6A or 8A output when +12-24V input, should use the inductors strong enough,
如果是
12-24V输入, 输出5V,6-8A的应用, 除了电感有足够的余量,NMOS建议选用
,二极管要能达
到接近
10A.
10. C7 and R4 are also necessary for loop stable and EMC pass.
C7与R4也是环路工作稳定与过EMC必不可少的小贴片器件.
11. Here below the PCB reference, support both TO252 or SOP8 N-MOSFET.
如下是同时支持
TO252与SOP8的NMOS的参考PCB图。
HM3123



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com