Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM3400DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3400DR
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3400DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3400DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3400DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3400DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3400DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3400DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.7
0.9
1.4
V
VGS=2.5V, ID=4A
-
45
59
mΩ
VGS=4.5V, ID=2.9A
-
34
45
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.9A
-
31
41
mΩ
Forward Transconductance
gFS
VDS=5V,ID=2.9A
10
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
623
-
PF
Output Capacitance
Coss
-
99
-
PF
Reverse Transfer Capacitance
Crss
VDS=15V,VGS=0V,
F=1.0MHz
-
77
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
3.3
-
nS
Turn-on Rise Time
tr
-
4.8
-
nS
Turn-Off Delay Time
td(off)
-
26
-
nS
Turn-Off Fall Time
tf
VDD=15V,ID=2.9A
VGS=10V,RGEN=3Ω
-
4
-
nS
Total Gate Charge
Qg
-
9.5
-
nC
Gate-Source Charge
Qgs
-
1.5
-
nC
Gate-Drain Charge
Qgd
VDS=15V,ID=
A,
VGS=4.5V
-
3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=2.9A
-
0.75
1.2
V
Diode Forward Current (Note 2)
IS
-
-
2.9
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4. Guaranteed by design, not subject to production
HM3400DR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com