Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP3505D Datasheet(PDF) 2 Page - Micronas

Part # BSP3505D
Description  Baseband Sound Processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

BSP3505D Datasheet(HTML) 2 Page - Micronas

  BSP3505D Datasheet HTML 1Page - Micronas BSP3505D Datasheet HTML 2Page - Micronas BSP3505D Datasheet HTML 3Page - Micronas BSP3505D Datasheet HTML 4Page - Micronas BSP3505D Datasheet HTML 5Page - Micronas BSP3505D Datasheet HTML 6Page - Micronas BSP3505D Datasheet HTML 7Page - Micronas BSP3505D Datasheet HTML 8Page - Micronas BSP3505D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
BSP 3505D
PRELIMINARY DATA SHEET
2
Micronas
Contents
Page
Section
Title
4
1.
Introduction
4
1.1.
BSP 3505D Integrated Functions
4
1.2.
Features of the DSP-Section
4
1.3.
Features of the Analog Section
5
2.
Architecture of the BSP 3505D
5
2.1.
Analog Section and SCART Switching Facilities
5
2.1.1.
Standby Mode
6
2.2.
BSP 3505DAudio Baseband Processing
6
2.3.
Clock and Crystal Specifications
6
2.4.
Digital Control Output Pins
73.
I2C Bus Interface: Device and Subaddresses
8
3.1.
Protocol Description
9
3.2.
Proposal for BSP 3505D I2C Telegrams
9
3.2.1.
Symbols
9
3.2.2.
Write Telegrams
9
3.2.3.
Read Telegrams
9
3.2.4.
Examples
10
3.3.
Start Up Sequence: Power Up and I2C-Controlling
11
4.
Programming the BSP 3505D
11
4.1.
Register ‘MODE_REG’
12
4.2.
DSP Write Registers: Table and Addresses
12
4.3.
DSP Read Registers: Table and Addresses
13
4.4.
DSP Write Registers: Functions and Values
13
4.4.1.
Volume Loudspeaker Channel
14
4.4.2.
Balance Loudspeaker Channel
14
4.4.3.
Bass Loudspeaker Channel
15
4.4.4.
Treble Loudspeaker Channel
15
4.4.5.
Loudness Loudspeaker Channel
16
4.4.6.
Spatial Effects Loudspeaker Channel
17
4.4.7.
Volume SCART1
17
4.4.8.
Channel Source Modes
17
4.4.9.
Channel Matrix Modes
17
4.4.10.
SCART Prescale
18
4.4.11.
Definition of Digital Control Output Pins
18
4.4.12.
Definition of SCART-Switching Facilities
18
4.4.13.
Beeper
19
4.4.14.
Automatic Volume Correction (AVC)
19
4.5.
DSP Read Registers: Functions and Values
19
4.5.1.
Quasi-Peak Detector
20
4.5.2.
BSP Hardware Version Code
20
4.5.3.
BSP Major Revision Code
20
4.5.4.
BSP Product Code
20
4.5.5.
BSP ROM Version Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com