| Electronic Components Datasheet Search |
|
AM186EM-40VC/W Datasheet(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186EM-40VC/W Datasheet(HTML) 37 Page - Advanced Micro Devices |
|
37 / 98 page ![]() Am186/188EM and Am186/188EMLV Microcontrollers 37 P R E L IMINAR Y Figure 6. Am188EM Microcontroller—Read and Write with Address Bus Disable In Effect BUS INTERFACE UNIT The bus interface unit controls all accesses to external peripherals and memory devices. External accesses include those to memory devices, as well as those to memory-mapped and I/O-mapped peripherals and the pe r i pher al cont r o l bloc k. The Am186EM an d Am188EM microcontrollers provide an enhanced bus interface unit with the following features: n A nonmultiplexed address bus n Separate byte write enables for high and low bytes in the Am186EM microcontroller only n Pseudo Static RAM (PSRAM) support The standard 80C186/188 multiplexed address and data bus requires system interface logic and an exter- nal address latch. On the Am186EM and Am188EM microcontrollers, new byte write enables, PSRAM con- trol logic, and a new nonmultiplexed address bus can reduce design costs by eliminating this external logic. Nonmultiplexed Address Bus The nonmultiplexed address bus (A19–A0) is valid one-half CLKOUTA cycle in advance of the address on the AD bus. When used in conjunction with the modi- fied UCS and LCS outputs and the byte write enable sig- nals, the A19–A0 bus provides a seamless interface to SRAM, PSRAM, and Flash/EPROM memory systems. Byte Write Enables The Am186EM microcontroller provides the WHB (Write High Byte) and WLB (Write Low Byte) signals, which act as byte write enables. WHB is the logical OR of BHE and WR. WHB is Low when BHE and WR are both Low. WLB is the logical OR of AD0 and WR. WLB is Low when AD0 and WR are both Low. WB is Low whenever a byte is written on the Am188EM microcontroller. The byte write enables are driven in conjunction with the nonmultiplexed address bus as required for the write timing requirements of common SRAMs. CLKOUTA t1 t2 t3 t4 AD7–AD0 (Read) Data Address AO15–AO8 LCS, UCS AD7–AD0 (Write) Data Address Phase Data Phase A19–A0 Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |