Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4351 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CDB4351
Description  192 kHz STEREO DAC WITH 2 Vrms LINE OUT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4351 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CDB4351 Datasheet HTML 28Page - Cirrus Logic CDB4351 Datasheet HTML 29Page - Cirrus Logic CDB4351 Datasheet HTML 30Page - Cirrus Logic CDB4351 Datasheet HTML 31Page - Cirrus Logic CDB4351 Datasheet HTML 32Page - Cirrus Logic CDB4351 Datasheet HTML 33Page - Cirrus Logic CDB4351 Datasheet HTML 34Page - Cirrus Logic CDB4351 Datasheet HTML 35Page - Cirrus Logic CDB4351 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
CS4351
32
DS566PP2
6.5
Channel A Volume Control - Register 05h
Channel B Volume Control - Register 06h
6.5.1 DIGITAL VOLUME CONTROL (VOL7:0) BITS 7-0
Default = 00h (0 dB)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1/2 dB increments
from 0 to -127.5 dB. Volume settings are decoded as shown in Table 10. The volume changes are im-
plemented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register.
The actual attenuation is determined by taking the decimal value of the volume register and multiplying
by 6.02/12.
6.6
Ramp and Filter Control - Register 07h
6.6.1 SOFT RAMP AND ZERO CROSS CONTROL (SZC1:0) BITS 7-6
Default = 10
Function:
Immediate Change
When Immediate Change is selected all level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a time-
out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if the signal
7
654
32
10
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
0
000
00
00
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
00000001
1
-0.5 dB
00000110
6
-3.0 dB
11111111
255
-127.5 dB
Table 10. Example Digital Volume Settings
7
654
32
10
SZC1
SZC0
RMP_UP
RMP_DN
Reserved
FILT_SEL
Reserved
Reserved
1
011
00
01
SZC1 SZC0
Description
0
0
Immediate Change
01
Zero Cross
10
Soft Ramp
1
1
Soft Ramp on Zero Crossings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com