Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM7680 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7680
Description  Backflush protection circuit with built-in inductive load current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7680 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7680 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
封装信息
SOP-8
符号
毫米
英寸
最小值
典型值
最大值
最小值
典型值
最大值
A
-
-
1.75
-
-
-
A1
1.25
-
1.55
-
-
-
b
0.33
-
0.51
-
-
-
c
0.17
-
0.26
-
-
-
D
4.70
-
5.10
-
-
-
E
5.80
-
6.20
-
-
-
E1
3.70
-
4.10
-
-
-
e
-
1.27
-
-
-
-
L
0.50
-
0.80
-
-
-
θ
0
-
8°
-
-
-
HM7680



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com