Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8008S Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8008S
Description  Chip electronic cigarette controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8008S Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8008S Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S
2
/6
脚位定义图及说明
引脚序号
功能
描述
1
PSET
最大输出功率设置
2
FB
功率调节端
3
LED1
指示灯 1(红灯)
4
LED2
指示灯 2(白灯)
5
AGND
模拟地
6
BAT
电池端
7
KEY
按键
8
5V
USB 充电 5V 输入
9
CHG
共用充电输入
10
VOUT
滤波输出端
11、12
LX
电感输入端
13、14
PGND
功率地
15
IPROG
充电电流编程
16
EN
升压使能脚
功能模块
5V
BAT
KEY
AGND
LED1
FB
VOUT
LX
1
2
3
4
LED2
PSET
5
15
14
8
7
6
IPROG
16
13
11
10
12
9
LX
PGND
EN
CHG
PGND
SOP16
驱动电路
功率调整
充电电路
5V
KEY
AGND
LED1
FB
VOUT
LED2
PSET
指示电路
控制电路
IPROG
保护电路
升压电路
MIC
EN
PGND
芯片电子烟控制器
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com