Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # F10
Description  1.9mm Round Subminiature Lead LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

F10 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  F10 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. F10 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 11
Device No. : DSE-0001706
Prepared date: 08-Jun-2009
Prepared by: Niu yanling
Technical Data Sheet
1.9mm Round Subminiature Lead LEDs
95-21SUGC/S400-XX/XXX
Features
․
Package in 12mm tape on 7"
diameter reels.
․
Compatible with automatic
placement equipment.
․
EIA Std. package.
․
Mono-color type.
․
Pb-free
Descriptions
․
The 95-21 SMD LED is much
smaller than leaded components .
Thus enable smaller board size. Higher
packing density. Reduced storage space and
finally smaller equipment to be obtained.
․
Besides, light weight makes them
ideal for miniature applications.
․
Furthermore by automation assembly
machines the accuracy is anticipated.
Applications
․
Small indicator for indoor applications.
․
Flat backlight for LCD, switches and symbols.
․
Indicator and backlight in office equipment.
․
Indicator and backlight for battery driven
equipment.
․
Indicator and backlight for audio and video equipment.
․
Automotive : backlighting in dashboards and switches.
․
Telecommunication:indicator and backlighting in telephone and fax.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
95-21SUGC/S400-XX/XXX
InGaN
Super Green
Water Clear
F7/TR7
F9/TR9
F10/TR10
F1
F2
95-21
香港至恩科技有限公司 
   www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - F10

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Powerbox
F10 POWERBOX-F10 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F10 RFE-F10 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Ohmite Mfg. Co.
F10 OHMITE-F10 Datasheet
360Kb / 3P
Stackable
logo
XP Power Limited
F10 XPPOWER-F10 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
1.9mm Round Subminiature Lead LEDs
07-29-2005
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
1.9mm Round Subminiature Lead LEDs
07-29-2005
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
1.9mm Round Subminiature Lead LEDs
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
1.9mm Round Subminiature Lead LEDs
95-21UYC-S530-XX-XX EVERLIGHT-95-21UYC-S530-XX-XX Datasheet
297Kb / 10P
1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
91-21SUBC-S400-XX-XXX TO-GRACE-91-21SUBC-S400-XX-XXX Datasheet
1,005Kb / 10P
1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX TO-GRACE-91-21SURC-S530-XX-XXX Datasheet
1Mb / 11P
1.9mm Round Subminiature Lead LEDs
91-21UBC-C430-XXX TO-GRACE-91-21UBC-C430-XXX Datasheet
1Mb / 11P
1.9mm Round Subminiature Lead LEDs
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com