Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD3V3AP Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # ESD3V3AP
Description  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESD3V3AP Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  ESD3V3AP Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESD3V3AP Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESD3V3AP Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESD3V3AP
www.yint.com.cn
Rev:19.3
1
ESD3V3AP
Description
ESD3V3AP is designed to protect voltage sensitive
components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time,
make these parts ideal for ESD protection on designs where
board space is at a premium.
Features
●
Ultra low leakage
●
Operating voltage: 3.3V
●
Package: SOT-23
●
Protects one bidirectional line or two unidirectional
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
Functional Diagram
Applications
●
Portable Electronics
●
Cellular Handsets and Accessories
●
Industrial Controls
●
Portable instrumentation
●
Set-Top Box
●
Peripherals
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
PPP
300
Watts
ESD per IEC 61000−4−2 (Air)
VESD
±
15
KV
ESD per IEC 61000−4−2 (Contact)
±
8
KV
Lead Soldering Temperature
TL
260 (10 sec)
°C
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTJ
-55 to +150
°C


Similar Part No. - ESD3V3AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3AP MCC-ESD3V3AP Datasheet
365Kb / 4P
3.3Volts ESD Protection Device
logo
Shanghai Yint Electroni...
ESD3V3APB YINT-ESD3V3APB Datasheet
512Kb / 3P
ESD Protection Diode
More results

Similar Description - ESD3V3AP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com