Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3M0141 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3M0141
Description  Temperature Conditioned SMA Female to N Male Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0141 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3M0141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0141 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Connector 1: PE44814 (SMA Female)
• Connector 2: PE44825 (N Male)
• Cable: PE-P142LL
Features
• Max Frequency 18 GHz
• 80% Phase Velocity
• Triple Shielded
• FEP Jacket
• Thermally Pre-Conditioned Cable
• Captivated Stainless Steel Connectors
• Expanded PTFE dielectric
• J-STD-Soldering
• Lot Traceability
• Test Report
• Ship same day
JACKET
OUTER BRAID
INNER SHIELD
INNER BRAID
DIELECTRIC
SOLID CENTER
CONDUCTOR
SECTION VIEW
.195 [4.95]
Applications
• General Purpose
• Laboratory Use
• High Reliability
• Extreme Temperatures
• Military Electronics
• Avionics
• IFF
• SATCOM
• ECM
.
Description
Pasternack’s temperature conditioned low loss cable assemblies are part of our full line of reliable RF components avail-
able for shipment same day. These commercial-off-the-shelf (COTS), RF / microwave cable assemblies are designed and
processed with high reliability in mind. Captivated stainless steel cable assembly connectors and thermally pre-conditioned
triple-shielded coaxial cable are assembled using J-STD soldering processes and WHMA-A-620 workmanship criteria. The
combination of stable materials, processing and acceptance testing work together to create a dependable cable assembly for
applications where performance over time is important or the cost of failure is high. Each finished COTS temperature condi-
tioned low loss cable assembly is traceable to its component lots and a test report is available for every lot produced.
Our highly reliable low loss conditioned RF cable assembly datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to
configure and customize their signal connections however they like. Whether the need is to provide reliable stable connections
or fielding dependable RF cables, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build
your custom cable assemblies for you and ship them same day.
Referenced Specifications
IPC/WHMA-A-620
Requirements and Acceptance for Cable and Wire Harness Assemblies
MIL-STD-348
Radio Frequency Connector Interfaces for MIL-DTL-3643, MIL-DTL-3650, MIL-DTL-3655, MIL-
DTL-25516, MIL-PRF-31031, MIL-PRF-39012, MIL-PRF-49142, MIL-PRF...
IPC J-STD-001
Requirements for Soldered Electrical and Electronic Assemblies
IPC J-STD-006
Requirements for Electronic Grade Solder Alloys and Fluxed and Non-Fluxed Solid Solders for
Electronic Soldering Applications
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Female to N Male Low Loss Cable Using PE-P142LL Coax
PE3M0141
PE3M0141 REV 1.2
Temperature Conditioned SMA Female to N Male
Low Loss Cable Using PE-P142LL Coax
RF Cable Assemblies Technical Data Sheet
PE3M0141


Similar Part No. - PE3M0141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3M0140 PASTERNACK-PE3M0140 Datasheet
731Kb / 7P
Temperature Conditioned SMA Female to TNC Male Right Angle Low Loss Cable
PE3M0142 PASTERNACK-PE3M0142 Datasheet
741Kb / 7P
Temperature Conditioned SMA Female to N Female Bulkhead Low Loss Cable
PE3M0143 PASTERNACK-PE3M0143 Datasheet
731Kb / 7P
Temperature Conditioned SMA Female to N Male Right Angle Low Loss Cable
PE3M0144 PASTERNACK-PE3M0144 Datasheet
739Kb / 7P
Temperature Conditioned SMA Female Bulkhead to SMA Female Bulkhead Low Loss Cable
PE3M0145 PASTERNACK-PE3M0145 Datasheet
737Kb / 7P
Temperature Conditioned SMA Female Bulkhead to SMA Male Right Angle Low Loss Cable
More results

Similar Description - PE3M0141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3M0126 PASTERNACK-PE3M0126 Datasheet
730Kb / 7P
Temperature Conditioned SMA Male to SMA Female Low Loss Cable
PE3M0132 PASTERNACK-PE3M0132 Datasheet
728Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0133 PASTERNACK-PE3M0133 Datasheet
742Kb / 7P
Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
PE3M0149 PASTERNACK-PE3M0149 Datasheet
735Kb / 7P
Temperature Conditioned SMA Female Bulkhead to N Male Low Loss Cable
PE3M0181 PASTERNACK-PE3M0181 Datasheet
731Kb / 7P
Temperature Conditioned SMA Male to SMA Female Bulkhead Low Loss Cable
PE3M0186 PASTERNACK-PE3M0186 Datasheet
724Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0187 PASTERNACK-PE3M0187 Datasheet
735Kb / 7P
Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
PE3M0194 PASTERNACK-PE3M0194 Datasheet
731Kb / 7P
Temperature Conditioned SMA Female Bulkhead to N Male Low Loss Cable
PE3M0229 PASTERNACK-PE3M0229 Datasheet
718Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0230 PASTERNACK-PE3M0230 Datasheet
730Kb / 7P
Temperature Conditioned SMA Male to N Female Bulkhead Low Loss Cable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com