Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2140 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD2140
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD2140 Datasheet HTML 4Page - Analog Devices ADPD2140 Datasheet HTML 5Page - Analog Devices ADPD2140 Datasheet HTML 6Page - Analog Devices ADPD2140 Datasheet HTML 7Page - Analog Devices ADPD2140 Datasheet HTML 8Page - Analog Devices ADPD2140 Datasheet HTML 9Page - Analog Devices ADPD2140 Datasheet HTML 10Page - Analog Devices ADPD2140 Datasheet HTML 11Page - Analog Devices ADPD2140 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADPD2140
Rev. 0 | Page 9 of 12
OBJECT TRIANGULATION
While a single ADPD2140 allows for measurement of the x and
y coordinates of an object or light source, two ADPD2140 placed
at a distance apart can calculate the z distance using triangulation.
The superscripted A and B refer to ADPD2140 sensors that are
measured in Timeslot A and Timeslot B of the ADPD2140.
Calculate the triangulation distance z as follows:
If sign(yA) = sign(yB),
2
)
–
(
B
A
y
y
C
z =
Or, if sign(yA) ≠ sign(yB),
2
)
(
B
A
y
y
C
z
+
=
C is an empirically determined proportionality constant that
depends on the baseline distance between the two angle diodes,
which converts the x and y measurements to angles, in radians.
For reference, the baseline distance, c, between both angle diodes is
equal to 1” on the EVAL-ADPD2140Z evaluation board. This
quantity sets the units of the final distance measurement output.
Figure 12 shows the operation of a typical triangulation
measurement using the ADPD2140.
ADPD2140
TIMESLOT A
ADPD2140
TIMESLOT B
θA
θB
b
c
a
EMITTER
OBJECT
z
Figure 12. Triangulation Distance Measurement with the ADPD2140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com