Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5027 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5027
Description  Silicon SPDT Switch, Nonreflective
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5027 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5027 Datasheet HTML 5Page - Analog Devices ADRF5027 Datasheet HTML 6Page - Analog Devices ADRF5027 Datasheet HTML 7Page - Analog Devices ADRF5027 Datasheet HTML 8Page - Analog Devices ADRF5027 Datasheet HTML 9Page - Analog Devices ADRF5027 Datasheet HTML 10Page - Analog Devices ADRF5027 Datasheet HTML 11Page - Analog Devices ADRF5027 Datasheet HTML 12Page - Analog Devices ADRF5027 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADRF5027
Rev. 0 | Page 13 of 13
OUTLINE DIMENSIONS
3.10
3.00
2.90
0.776
0.726
0.676
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
1.70
1.60 SQ
1.50
0.40
BSC
0.13
REF
0.70
REF
1.60 REF
SQ
0.25
0.20
0.15
0.30
0.25
0.20
0.236
0.196
0.156
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.530 REF
CHAMFERED
PIN 1 (0.3 × 45°)
PIN 1
CORNER AREA
Figure 26. 20-Terminal Land Grid Array [LGA]
3 mm × 3 mm Body and 0.726 mm Package Height
(CC-20-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5027BCCZN
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-3
027
ADRF5027BCCZN-R7
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-3
027
ADRF5027-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16768-0-7/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com