Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5730 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5730
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5730 Datasheet HTML 9Page - Analog Devices ADRF5730 Datasheet HTML 10Page - Analog Devices ADRF5730 Datasheet HTML 11Page - Analog Devices ADRF5730 Datasheet HTML 12Page - Analog Devices ADRF5730 Datasheet HTML 13Page - Analog Devices ADRF5730 Datasheet HTML 14Page - Analog Devices ADRF5730 Datasheet HTML 15Page - Analog Devices ADRF5730 Datasheet HTML 16Page - Analog Devices ADRF5730 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADRF5730
Rev. 0 | Page 13 of 19
THEORY OF OPERATION
The ADRF5730 incorporates a 6-bit fixed attenuator array that
offers an attenuation range of 31.5 dB in 0.5 dB steps. An
integrated driver provides both serial and parallel mode control
of the attenuator array (see Figure 32).
Note that when referring to a single function of a multifunction
pin in this section, only the portion of the pin name that is
relevant is mentioned. For full pin names of the multifunction
pins, refer to the Pin Configuration and Function Descriptions
section.
POWER SUPPLY
The ADRF5730 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
filter high frequency noise.
The power-up sequence is as follows:
1. Connect GND.
2. Power up VDD.
3. Power up VSS.
4. Apply the digital control inputs. The relative order of the
digital control inputs is not important. However, powering
the digital control inputs before the VDD supply can
inadvertently forward bias and damage the internal ESD
protection structures.
5. Apply an RF input signal to ATTIN or ATTOUT.
The power-down sequence is the reverse order of the power-up
sequence.
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are dc-coupled to 0 V.
No dc blocking is required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore,
external matching components are not required. For wideband
applications, use impedance matching to improve insertion loss,
return loss, and attenuation accuracy performance at high
frequencies. See the Impedance Matching section.
The ADRF5730 supports bidirectional operation at a lower
power level. The power handling of the ATTIN and ATTOUT
ports are different. Therefore, the bidirectional power handling is
defined by the ATTOUT port. Refer to the RF input power
specifications in Table 1.
SERIAL OR PARALLEL MODE SELECTION
The ADRF5730 can be controlled in either serial or parallel mode
by setting the PS pin to high or low, respectively (see Table 6).
Table 6. Mode Selection
PS
Control Mode
Low
Parallel
High
Serial
Table 7. Truth Table
Digital Control Input1
Attenuation State (dB)
D5
D4
D3
D2
D1
D0
Low
Low
Low
Low
Low
Low
0 (reference)
Low
Low
Low
Low
Low
High
0.5
Low
Low
Low
Low
High
Low
1.0
Low
Low
Low
High
Low
Low
2.0
Low
Low
High
Low
Low
Low
4.0
Low
High
Low
Low
Low
Low
8.0
High
Low
Low
Low
Low
Low
16.0
High
High
High
High
High
High
31.5
1
Any combination of the control voltage input states shown in Table 7 provides an attenuation equal to the sum of the bits selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com