Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817X2NIP1B Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC817X2NIP1B
Description  DIP 4pin Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X2NIP1B Datasheet(HTML) 2 Page - Sharp Corporation

  PC817X2NIP1B Datasheet HTML 1Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 2Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 3Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 4Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 5Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 6Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 7Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 8Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Internal Connection Diagram
Sheet No.: OP18002EN
2
1
1
Anode
2
Cathode
3
Emitter
4
Collector
2
4
3
Outline
1. Through-Hole
[ex. PC817XNNSZ1B]
2.SMT Gullwing Lead-Form
[ex . PC817XNNIP1B]
Product mass : approx. 0.23g
Product mass : approx. 0.22g
(Unit : mm)
PC817XxNSZ1B Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com