Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69108 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD69108
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 Datasheet(HTML) 4 Page - Microsemi Corporation

  PD69108 Datasheet HTML 1Page - Microsemi Corporation PD69108 Datasheet HTML 2Page - Microsemi Corporation PD69108 Datasheet HTML 3Page - Microsemi Corporation PD69108 Datasheet HTML 4Page - Microsemi Corporation PD69108 Datasheet HTML 5Page - Microsemi Corporation PD69108 Datasheet HTML 6Page - Microsemi Corporation PD69108 Datasheet HTML 7Page - Microsemi Corporation PD69108 Datasheet HTML 8Page - Microsemi Corporation PD69108 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
4
8 PORTS PSE POE MANAGER
TM
®
E L E CT RI CA L CH AR ACT E R I STIC S
Unless otherwise specified, the following specifications apply to the operating ambient temperature.
PA R A M ET ER
S YM BO L
TEST C O N D IT IO N S /
C OM M E NT
P D6 91 0 8 PO E
M A NA GE R
UNI T S
M IN T YP M AX
PO W ER SU PPL Y
Input Voltage
VMAIN
Supports Full IEEE802.3
functionality
44
55
57
V
Power Supply Current
@ Operating Mode
VMAIN = 55 VDC
20
mA
5V Output Voltage
VAUX5
4.5
5
5.5
VDC
3.3V Output Voltage
VAUX3P3
2.97
3.3
3.63
VDC
3.3V Output Current
Without external NPN
5
mA
With external NPN transistor
on VAUX5
30
mA
3.3V Input Voltage
VAUX3P3
REG_EN_N pin = 3.3V
(internal reg. is disabled)
VAUX3P3_INT=5V
3
3.3
3.6
VDC
D IG ITA L I / O ( ( R E SE T_ N , M ISO , M O S I, S C K , C S , P G [ 0 .. 3 ] , A D D [ 0 .. 3] )
Input Logic High
Threshold
VIH
2.2
V
Input Logic Low
Threshold
VIL
0.8
V
Input Hysteresis
Voltage
0.4
0.6
0.8
V
Input High Current
IIH
-10
10
uA
Input Low Current
IIL
-10
10
uA
Output High Voltage
VOH
For IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOH = 1 mA
0.4
V
P O E L O AD
CU RRE N T S
AF Limit Mode
AF_LIM
400
425
450
mA
AT Limit
AT_LIM
775
850
925
mA
AT Limit Dynamic
Range
Configurable by
communication
RSENSE = 0.36
Ω 1%
connected at Port_Sense
pin
540
1200
mA
M A IN PO W ER
SW ITC H IN G F ET
On Resistance
RDSON
0.3
Ω
Internal Thermal
Protection Threshold
200
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com