Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69108ILQ Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD69108ILQ
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108ILQ Datasheet(HTML) 2 Page - Microsemi Corporation

  PD69108ILQ Datasheet HTML 1Page - Microsemi Corporation PD69108ILQ Datasheet HTML 2Page - Microsemi Corporation PD69108ILQ Datasheet HTML 3Page - Microsemi Corporation PD69108ILQ Datasheet HTML 4Page - Microsemi Corporation PD69108ILQ Datasheet HTML 5Page - Microsemi Corporation PD69108ILQ Datasheet HTML 6Page - Microsemi Corporation PD69108ILQ Datasheet HTML 7Page - Microsemi Corporation PD69108ILQ Datasheet HTML 8Page - Microsemi Corporation PD69108ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
2
8 PORTS PSE POE MANAGER
TM
®
ABS O L U T E M AXI M U M RA T I NGS
P A C KA GE P I N OU T
Supply Input Voltage (VMAIN)
-0.3 to 74 VDC
Port_Neg[0..7] Pins
-0.3 to 74 VDC
Port_Sense[0..7] Pins
-0.3 to 3.6 VDC
QGND, GND Pins
-0.3 to 0.3 VDC
All Other Pins
-0.3 to 3.6 VDC
PD69108 Operating Ambient Temperature
Range
-10
° to +85° C
PD69108F Operating Ambient Temperature
Range
-40
° to +85° C
Maximum Operating Junction Temperature
+150
° C
ESD Protection at all I/O Pins
± 2 KV HBM
Storage Temperature Range
-65
° to +150° C
Notes:
Exceeding these ratings can cause damage to the device. All voltages are with
respect to ground. Currents are marked positive when flowing into specified
terminals and marked negative when flowing out of a specified terminal.
25
26
27
28
29
30
AGND
PORT_SENSE3
VPORT_NEG3
PORT_SENSE4
VPORT_NEG4
PORT_SENSE5
VPORT_NEG6
1
2
3
4
5
6
7
8
Microsemi LOGO
MSC
PD69108/F
Date Code
PG0
PORT_SENSE6
PG1
PG2
PG3
32
33
PORT_SENSE2
VPORT_NEG2
9
10
12
VPORT_NEG0
PORT_SENSE0
PORT_SENSE7
VPORT_NEG7
VPORT_NEG1
PORT_SENSE1
11
31
VPORT_NEG5
AGND
35
36
34
N/C
N/C
(Top View)
RoHS / Pb-free 100% Matte Tin Finish
P ACK AG E O R DE R I N F O
TH ER M A L D A TA
TA (°C)
Plastic 48 pin QFN 8 mm x 8 mm
TYPICAL THERMAL RESISTANCE
-JUNCTION TO AMBIENT 25° C/W
RoHS compliant / Pb-free/MSL1
TYPICAL THERMAL RESISTANCE
-JUNCTION TO CASE 4° C/W
-10 to +85
PD69108ILQ
Junction Temperature Calculation:
TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal
performance of the device/pc-board system. All of the
above assume no ambient airflow.
-40 to +85
PD69108FILQ
Note: Available in Tape and Reel. Append the letters “TR” to
the part number.
PO W ER D IS SIPA TIO N
Rsense Power Dissipation: 0.36 Ω x Iport2
Rds_ON Power Dissipation: 0.3
Ω x Iport2
• Pport_AF = 15.4 W
==> PRsense = 28.2mW
PRds_ON = 23.4mW
• Pport_AT = 30 W
==> PRsense = 107 mW
** Calculated for Supply input Voltage of 55V
PRds_ON = 88.5mW
I N T E RN AL 3 . 3 V VO L T AG E R E G U L A TO R I S U SE D
E X T E RN AL 3 . 3 V VO L T AG E R EG U L A TO R I S
U S E D
PD69108 self power dissipation: 1.1 W
PD69108 8 ports AF Application Power dissipation = 1.1 W +
[ 8 x (28.2 mW + 23.4mW) ] = 1.51W
PD69108 8 ports AT Application Power dissipation = 1.1 W +
[ 8 x (107 mW + 88.5mW) ] = 2.66W
PD69108 self power dissipation: 0.5 W
PD69108 AF 8 ports Application Power dissipation =
0.5 W + [ 8 x (28.2mW + 23.4mW) ] = 0.91W
PD69108 8 ports AT Application Power dissipation =
0.5 W + [ 8 x (107 mW + 88.5mW) ] = 2.06W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com