| Electronic Components Datasheet Search |
|
TMS320DM643 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 160 page ![]() www.ti.com TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Table 2-4. Terminal Functions (continued) SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. EMIFA peripheral data transfer, allows direct transfer between external periph- APDT M22 O/Z IPU erals EMIFA (64-bit) – BUS ARBITRATION AHOLDA N22 O IPU EMIFA hold-request-acknowledge to the host AHOLD W24 I IPU EMIFA hold request from the host ABUSREQ P22 O IPU EMIFA bus request output EMIFA (64-bit) – ASYNCHRONOUS/SYNCHRONOUS MEMORY CONTROL EMIFA external input clock. The EMIFA input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) is selected at reset via the pullup/pulldown resistors on the AECLKIN H25 I IPD AEA[20:19] pins. AECLKIN is the default for the EMIFA input clock. EMIFA output clock 2. Programmable to be EMIFA input clock (AECLKIN, AECLKOUT2 J23 O/Z IPD CPU/4 clock, or CPU/6 clock) frequency divided-by-1, -2, or -4. EMIFA output clock 1 [at EMIFA input clock (AECLKIN, CPU/4 clock, or CPU/6 AECLKOUT1 J26 O/Z IPD clock) frequency]. EMIFA asynchronous memory read-enable/SDRAM column-address strobe/programmable synchronous interface-address strobe or read-enable AARE/ • For programmable synchronous interface, the RENEN field in the CE Space ASDCAS/ J25 O/Z IPU Secondary Control Register (CExSEC) selects between ASADS and ASRE: ASADS/ASRE If RENEN = 0, then the ASADS/ASRE signal functions as the ASADS signal. If RENEN = 1, then the ASADS/ASRE signal functions as the ASRE signal. AAOE/ EMIFA asynchronous memory output-enable/SDRAM row-address ASDRAS/ J24 O/Z IPU strobe/programmable synchronous interface output-enable ASOE AAWE/ EMIFA asynchronous memory write-enable/SDRAM write-enable/programmable ASDWE/ K26 O/Z IPU synchronous interface write-enable ASWE EMIFA SDRAM clock-enable (used for self-refresh mode). ASDCKE L25 O/Z IPU • If SDRAM is not in system, ASDCKE can be used as a general-purpose output. EMIFA synchronous memory output-enable for ACE3 (for glueless FIFO ASOE3 R22 O/Z IPU interface) AARDY L22 I IPU Asynchronous memory ready input Device Overview 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |