Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8563M Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563M
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563M Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563M Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563M Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
• 6 •
2.7.1 Control/Status 1 register
Table 6 Control/Status 1 register bits description
00H
Symbol
Description
b7
TEST1
TEST1 = 0; normal mode.
TEST1 = 1; EXT_CLK test mode; see Section 8.7.
b5
STOP
STOP = 0; RTC source clock runs.
STOP = 1; all RTC divider chain flip-flops are asynchronously set to logic 0; the
RTC clock is stopped (CLKOUT at 32.768 kHz is still available).
b3
TESTC
TESTC = 0; power-on reset override facility is disabled (set to logic 0 for normal
operation).
TESTC = 1; power-on reset override is enabled.
b6, b4,
b2..0
-
By default set to logic 0.
2.7.2 Control/Status 2 register
Table 7 Description of Control/Status 2 register bits description
01H
Symbol
Description
b7..5
0
By default set to logic 0
b4
TI/TP
TI/TP = 0: INT is active when TF is active (subject to the status of TIE).
TI/TP = 1: INT pulses active according to Table 8 (subject to the status of TIE). Note
that if AF and AIE are active then INT will be permanently active.
b3
AF
When an alarm occurs, AF is set to logic 1. Similarly, at the end of a timer
countdown, TF is set to logic 1. These bits maintain their value until overwritten by
software. If both timer and alarm interrupts are required in the application, the source
of the interrupt can be determined by reading these bits. To prevent one flag being
overwritten while clearing another, a logic AND is performed during a write access.
See Table 9 for the value descriptions of bits AF and TF.
b2
TF
b1
AIE
Bits AIE and TIE activate or deactivate the generation of an interrupt when AF or TF
is asserted, respectively. The interrupt is the logical OR of these two conditions
when both AIE and TIE are set.
AIE = 0: alarm interrupt disabled; AIE = 1: alarm interrupt enabled.
TIE = 0: timer interrupt disabled; TIE = 1: timer interrupt enabled.
b0
TIE
Table 8
———
INT operation (bit TI/TP = 1)
Source clock (Hz)
———
INT period(s)
n=1
n>1
4096
1/8192
1/4096
64
1/128
1/64
1
1/64
1/64
1/60
1/64
1/64
Note:
[1] TF and
———
INT become active simultaneously.
[2] n = loaded countdown timer value. Timer stopped when n = 0.
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com