Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC124S021 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC124S021
Description  4 Channel, 200 kSPS, 12-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC124S021 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC124S021 Datasheet HTML 9Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 10Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 11Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 12Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 13Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 14Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 15Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 16Page - National Semiconductor (TI) ADC124S021 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 50 kSPS to 200 kSPS, fSCLK = 0.8 MHz
to 3.2 MHz, f
IN = 39.9 kHz unless otherwise stated. (Continued)
SFDR vs. Temperature
SINAD vs. Temperature
20124344
20124349
ENOB vs. Supply
ENOB vs. Clock Frequency
20124352
20124353
ENOB vs. Clock Duty Cycle
ENOB vs. Input Frequency
20124354
20124355
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com