Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA835 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
R1
200 k
R2
200 k
3V
RF 10 k
RG
78.7
VOUT
OPA2834
CG
10 µF
CF 820 pF
3V
CIN
68 nF
RBIAS
2.2 k
3V
Electret
Microphone
Sen sor
OPA283 4
XTR117
15
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2 Field Transmitter Sensor Interface
Figure 14. Field Transmitter Sensor Interface
9.2.3 Ultrasonic Flow Meters
Figure 15. Ultrasonic Flow Meters Gain Stage
9.2.4 Microphone Pre-Amplifier
Figure 16. Low-Power Microphone Pre-Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com