Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

834-00007F Datasheet(PDF) 4 Page - E&E Magnetic Products Limited

Part # 834-00007F
Description  1500Vdc Isolation between Gate and Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

834-00007F Datasheet(HTML) 4 Page - E&E Magnetic Products Limited

  834-00007F Datasheet HTML 1Page - E&E Magnetic Products Limited 834-00007F Datasheet HTML 2Page - E&E Magnetic Products Limited 834-00007F Datasheet HTML 3Page - E&E Magnetic Products Limited 834-00007F Datasheet HTML 4Page - E&E Magnetic Products Limited 834-00007F Datasheet HTML 5Page - E&E Magnetic Products Limited 834-00007F Datasheet HTML 6Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
3
2
6
4
5
834-00006F
Weight (in gram)
:
0.23 typ.
Tape & Reel
:
1200 / reel
.010
0.25
U
.
nless otherwise specified, all tolerances are ±
Reference or
Gauge Plane
1
2
3
6
5
4
34-006F
(DATE)
.340
8.64 MAX
.265
6.73 MAX
.200±
±
.010
5.08 0.25
MAX
.140
3.56
.280±
±
.010
7.11 0.25
.100±
±
.010
2.54 0.25
.320
8.13
.200
5.08
.070
1.78
.100
2.54
.050
1.27
Recommended
Pad Layout
4
SCHEMATICS
SCHEMATICS
PACKAGING
MECHANICAL DIMENSIONS
12.00
8.75
4.00
USER DIRECTION OF UNREELING
Revised in 11/12
PG001(02)
E & E Magnetic Products Limited
SMT GATE DRIVE TRANSFORMER
Basic and Operational Insulation
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com