Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJB102TM Datasheet(PDF) 4 Page - ON Semiconductor

Part # FJB102TM
Description  NPN High-Voltage Power Darlington Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJB102TM Datasheet(HTML) 4 Page - ON Semiconductor

  FJB102TM Datasheet HTML 1Page - ON Semiconductor FJB102TM Datasheet HTML 2Page - ON Semiconductor FJB102TM Datasheet HTML 3Page - ON Semiconductor FJB102TM Datasheet HTML 4Page - ON Semiconductor FJB102TM Datasheet HTML 5Page - ON Semiconductor FJB102TM Datasheet HTML 6Page - ON Semiconductor FJB102TM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJB102 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Collector-Emitter Saturation Voltage and
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Forward Biased Safe Operating Area
Figure 6. Power Derating
012
345
0
1
2
3
4
5
I
B
= 1mA
I
B
= 300µA
I
B
= 200µA
I
B
= 100µA
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1k
10k
V
CE
= 4V
I
C
[A], COLLECTOR CURRENT
0.1
1
10
100
100
1k
10k
I
C
= 500 I
B
V
CE
(sat)
V
BE
(sat)
I
C
[A], COLLECTOR CURRENT
0.1
1
10
100
1
10
100
1k
10k
V
CB
[V], COLLECTOR-BASE VOLTAGE
I
E
=0, f=1MHz
0.1
1
10
100
0.01
0.1
1
10
100
5ms
100µs
1ms
DC
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
T
C
[
oC], CASE TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com