Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJB3307DTM Datasheet(PDF) 2 Page - ON Semiconductor

Part # FJB3307DTM
Description  High-Voltage Fast-Switching NPN Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJB3307DTM Datasheet(HTML) 2 Page - ON Semiconductor

  FJB3307DTM Datasheet HTML 1Page - ON Semiconductor FJB3307DTM Datasheet HTML 2Page - ON Semiconductor FJB3307DTM Datasheet HTML 3Page - ON Semiconductor FJB3307DTM Datasheet HTML 4Page - ON Semiconductor FJB3307DTM Datasheet HTML 5Page - ON Semiconductor FJB3307DTM Datasheet HTML 6Page - ON Semiconductor FJB3307DTM Datasheet HTML 7Page - ON Semiconductor FJB3307DTM Datasheet HTML 8Page - ON Semiconductor FJB3307DTM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.1.0
1
July 2013
FJB3307D
High-Voltage Fast-Switching NPN Power Transistor
Features
• Built-in Diode between Collector and Emitter
• Suitable for Electronic Ballast and Switch-Mode Power Supplies
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. Pulse test: pulse width = 300µs, duty cycle = 2% pulsed.
Part Number
Marking
Package
Packing Method
FJB3307DTM
J3307D
D2-PAK
Tape and Reel
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
8
A
ICP
(1)
Collector Current (Pulse)
16
A
IB
Base Current (DC)
4
A
IBP
(1)
Base Current (Pulse)
8
A
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
Internal Schematic Diagram
B
E
C
1.Base 2.Collector
3.Emitter
1
D2-PAK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com