Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2N7002
Description  Small Signal MOSFET Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N7002 Datasheet(HTML) 2 Page - Silicon Supplies

  2N7002 Datasheet HTML 1Page - Silicon Supplies 2N7002 Datasheet HTML 2Page - Silicon Supplies 2N7002 Datasheet HTML 3Page - Silicon Supplies 2N7002 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
Small Signal MOSFET Bare Die ‐ 2N7002
 
 
Absolute Maximum Ratings1 T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
 
Drain-to-Source Voltage
VDSS
 
60
V
Drain-Gate Voltage (RGS ≤ 1MΩ)
VDGR
60
V
Gate-Source Voltage - Continuous
±20
V
VGSS
 
Gate-Source Voltage – Non
Repetitive (tp < 50µs)
±40
 
Maximum Drain Current - Continuous
115
Maximum Drain Current - Pulsed
ID
800
mA
200
 
mW
Maximum Power Dissipation
Derated above 25°C
2
PD
1.6
mW/°C
Junction & Storage Temperature
TJ, Tstg
-55 to 150
 
°C
THERMAL CHARACTERISTICS
Thermal Resistance,
 
Junction to Ambient
2
RθJA
625
°C/W
 
 
Electrical Characteristics T
J = 25°C unless otherwise stated
Rev 1.0
02/26/18
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
 
OFF CHARACTERISTICS
 
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 10µA
60
 
 
 
 
 
 
 
 
 
 
-
-
V
VDS = 60V, VGS = 0
-
-
1
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 60V, VGS = 0, TJ = 125°C
-
-
0.5
mA
Gate-Body Leakage, Forward
IGSSF
VGS = 20V, VDS = 0V
-
-
100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS = -20V, VDS = 0V
-
-
-100
nA
ON CHARACTERISTICS3
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1
2.1
2.5
V
VGS = 10V, ID = 500mA
-
1.2
7.5
VGS = 10V, ID = 500mA, TJ = 100°C
-
1.7
13.5
Static Drain-Source On-Resistance
RDS(ON)
VGS = 5V, ID = 50mA
-
1.7
7.5
13.5
Ω
VGS = 5V, ID = 50mA, TJ = 100°C
-
2.4
VGS = 10V, ID = 500mA
-
0.6
3.75
V
Drain-Source On-Voltage
VDS(ON)
VGS = 5V, ID = 50mA
-
0.09
1.5
V
On-State Drain Current
ID(ON)
VGS = 10V, VDS ≥ 2 VDS(on)
500
2700
-
mA
Forward Transconductance
gFS
VDS ≥ 2 VDS(on), ID = 200mA
80
320
-
mS
DYNAMIC CHARACTERISTICS
4
Input Capacitance
Ciss
-
20
50
Output Capacitance
Coss
-
11
25
Reverse Transfer Capacitance
Crss
VDS = 25V, VGS = 0V, f = 1MHz
-
4
5
pF
Turn-On Time
ton
-
-
20
VDD = 30V, RL = 150Ω, ID = 200mA,
Turn-Off Time
toff
Page 2 of 4 
www.siliconsupplies.com
VGS= 10V, RGEN = 25Ω
-
-
20
ns
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Power dissipation & thermal characterisation in SOT-23 package. Performance at die level dependent on assembly method and substrate choice.
3. Pulse Test: Pulse width ≤ 300µs, Duty Cycle ≤ 2% 4. Not production testing in die form, characterized by chip design & tested in package LAT.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com