Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1775868 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1775868
Description  Housing - HC-D 50-AMQ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1775868 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1775868 Datasheet HTML 1Page - PHOENIX CONTACT 1775868 Datasheet HTML 2Page - PHOENIX CONTACT 1775868 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1775868
02/11/2019   Page 1 / 3
Housing - HC-D 50-AMQ - 1775868
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Panel mounting base D50, with double locking latch, material: Aluminum die-cast, height: 28 mm, cable gland:
none, support sleeve: no, Standard
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4017918038410
Technical data
Dimensions
Height
28 mm
Width
57 mm
Length
102 mm
Length of the assembly cutout
76 mm
Width of the assembly cutout
48 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-D25, A16/A32
Size
D50
Housing type
Panel mounting base
Locking type
with double locking latch
Screw connection
none
Housing material
Aluminum die-cast
Housing surface material
Powder-coated, gray
Seal material
NBR


Similar Part No. - 1775868

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1775862-1 ETC2-1775862-1 Datasheet
2Mb / 4P
QUICK REFERENCE GUIDE
1775862-2 ETC2-1775862-2 Datasheet
2Mb / 4P
QUICK REFERENCE GUIDE
More results

Similar Description - 1775868

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771927 PHOENIX-1771927 Datasheet
106Kb / 3P
HC-B 24-AMQ
1775693 PHOENIX-1775693 Datasheet
106Kb / 3P
HC-B 32-AMQ
1660973 PHOENIX-1660973 Datasheet
195Kb / 4P
HC-SMP 125-B16-AMQ
1604984 PHOENIX-1604984 Datasheet
50Kb / 3P
Housing - HC-B 10-AMQ-A
1605019 PHOENIX-1605019 Datasheet
50Kb / 3P
Housing - HC-B 10-AMQ-A
1642522 PHOENIX-1642522 Datasheet
127Kb / 3P
HC-B 10-AMQ-EMV
1773585 PHOENIX-1773585 Datasheet
51Kb / 3P
Housing - HC-HV 3-AMQ
1773789 PHOENIX-1773789 Datasheet
54Kb / 3P
Housing - HC-HV 6-AMQ
1774047 PHOENIX-1774047 Datasheet
51Kb / 3P
Housing - HC-HV 10/16-AMQ
1605200 PHOENIX-1605200 Datasheet
70Kb / 3P
Housing - HC-B 16-AMQ-A
12/06/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com