Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3330F Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3330F
Description  Dual Voltage Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3330F Datasheet(HTML) 1 Page - JSC ALFA.

  AS3330F Datasheet HTML 1Page - JSC ALFA. AS3330F Datasheet HTML 2Page - JSC ALFA. AS3330F Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
1
AS3330
AS3330 - Dual Voltage Controlled Amplifier (VCA)
FEATURES
APPLICATIONS
■ two independent voltage controlled amplifiers
■ simultaneous linear and exponential control Inputs
■ wide control range: 120dB min.
■ very accurate control scales for excellent gain
tracking
■ exceptionally low control voltage feedthrough < -90dB
■ low distortion: < 0.1%
■ exceptionally low noise: < -100dB
■ operating point anywhere from Class B to Class A
■ summing nodes for signal and linear control inputs
■ current outputs for ease of use in voltage controlled
2-Pole Filters
■ can be used in VCO and VCF control paths without
causing shift
■ ±15 volt supplies
for electronic music
AS3330
AS3330F
РDIP-18 (300 mil)
QFN-24 4x4mm 0,5mm
General Description
The AS 3330 is a dual, high performance, voltage controlled amplifier intended for electronic musical instrument and
professional audio applications. Each amplifier includes complete circuitry for simultaneous linear and exponential control
of gain. In addition, the operating point of the amplifiers may be set anywhere from Class
В to Class A, allowing the user to
optimize those parameters critical to the particular application. Also featured are virtual ground summing nodes for both the
signal and linear control inputs, so that signal and control mixing may be accomplished within the device itself. VCA outputs
are signal currents, allowing the device to be conveniently used in two-pole voltage controlled filters, as well as dual
voltage controlled amplifiers.
The devices include an on-chip 7.4 volt Zener, allowing them to operate
off ±15 volt supplies as well as +15, -5 volt
supplies.
Improved protection and crosstalk level (better than -80 dB).
Power pad in QFN package highly improves thermal stability of parameters of AS3330F.
Pin Information
Circuit Block and Connection Diagram (PDIP-18)
РDIP-18
Pin No
QFN-24L
Pin No
Pin
Name
Description
1
4
Out1
Current Output 1
2
5
VG1
Gain 1
3
7
DTrim1
Distortion Trim 1
4
8
IN1
Signal Input 1
5
9
VEE
Negative supply
6
11
VCE1
Exponential
Control Input 1
7
12
VCL1
Linear Control
Input 1
8
14
IDLE
IDLE Adjust
9
15
CCOMP1
Compensation 1
10
16
VCC
Positive supply
11
17
CCOMP2
Compensation 2
12
19
VCL2
Linear Control
Input 2
13
20
IN2
Signal Input 2
14
22
VCE2
Exponential
Control Input 2
15
23
VG2
Gain 2
16
24
Out2
Current Output 2
17
2
DTrim2
Distortion Trim 2
18
3
GND
Ground
-
Power
pad
Power
pad
Don’t connect
IIN
ICL
RCL1
RCL2
1K
10
11
12
13
14
15
16
17
18
RF51K
IO
+
-
SIGNAL
OUTPUT
+15V
RB
150K
1
2
3
IO
IREF
RB
150K
+15V
-
+
51K
RF
4
IIN
5
6
7
8
9
1K
ICL
RCL2
RCL=RCL1+RCL2=100K; C =10nF÷0,1µF
CL
RCL1
RIDLE
5nF
1nF
10nF
SIGNAL
OUTPUT
SIGNAL
INPUT*
A
CELL
A
CELL
TOP
VIEW
BAL.
IO
VG
II
V-
LOG.CONV.
+
-
-
+
V+
5nF
10nF
1nF
+15V
LOG.CONV.
REG.
BIAS
ADJ.
EXP.
CNTL.
INPUT**
SIGNAL
INPUT*
LINEAR
CNTL.
INPUT***
EXP.
CNTL.
INPUT
LINEAR
CNTL.
INPUT
**
***
-15V
RI
100K
VCE
IO
VG
II
* -10V<V <+10V
S
** -1V<V <+10V
C
*** 0V<V <+10V;
C
&
IREF
.
.
BAL.
CCL
CCL


Similar Part No. - AS3330F

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AS3336G AME-AS3336G Datasheet
423Kb / 25P
Precision Multiple Analog Switches
More results

Similar Description - AS3330F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7655A ROHM-BA7655A Datasheet
51Kb / 4P
Dual Voltage-controlled Amplifier
logo
List of Unclassifed Man...
SSM2022 ETC-SSM2022 Datasheet
210Kb / 3P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2020 ETC-SSM2020 Datasheet
242Kb / 4P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
DUAL LOW NOISE VCA
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Curtis Electromusic.
CEM3330 CES-CEM3330 Datasheet
3Mb / 8P
Dual Voltage Controlled Amplifier
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
DUAL LOW NOISE VCA
logo
JSC ALFA.
AS2164 ALFA-AS2164 Datasheet
502Kb / 5P
Quad voltage exponentially controlled amplifier (VCA)
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com