Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3350 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3350
Description  Dual Voltage Controlled State Variable Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3350 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3350 Datasheet HTML 1Page - JSC ALFA. AS3350 Datasheet HTML 2Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
2
AS3350
Typical Electrical Characteristics
VCC=+12V VEE = -12V IREF= 400µA TA= 25°C
Parameter
Min.
Typ.
Max.
Units
Frequency Control Range
12
13,5
-
octaves
Frequency C.V. Input Range
1
+60
-
+260
mV
Frequency Control Scale Factor, Midrange
-18,5
-19,6
-20,6
mV/octave
Q Control Range
2
0.05
oscillation
Q C.V. Input Range
+ 40
-150
mV
Q Control Scale Factor, Midrange
-62
- 65
-68
mV/10x
Maximum Q Without Enhancement
30
50
-
Tempco of Frequency and Q Control Scales
+ 3000
+ 3300
+ 3600
ppm
Exponential Error of Frequency
and Q Control Scales
3
-
3
10
%
Transconductance of Frequency
Transconductors, VCF = 0
4900
6900
9700
µmho
Transconductance of Q
Transconductor, VCF,Q = 0
3200
4900
7400
µmho
Maximum Transconductance of Frequency
and Q Ttransconductors
11,000
14,200
18,500
µmho
Tempco of Transconductance at VCF,Q = 0
-3000
-3300
-3600
ppm
Frequency Control Feedthrough
4
-
1
4
mV
Q Control Feedthrough
5
-
1
3
mV
Output DC Offset, midrange
-
±1
±5
mV
Distortion in Passband
6
-
1
5
%
Output Noise
7
-
0,8
2,5
µV.R.M.S.
Signal Input Bias Current, VCF,Q = 0
8
0,6
1,4
2,8
µA
Frequency and Q Control Input Bias Current
0,7
1,6
3,2
µA
Transconductor Output Impedance
9
VCF,Q = 0
1
4
-
Mohm
Voltage at Pin 1 Referred to VEE
1,2
1,4
1,6
V
Reference Current Range
10
-
600
µA
Positive Supply Current, VCF,Q = 0
-
2,5
3
mA
Negative Supply Current
-
6,5
7,5
mA
Supply Voltage Range
10
±3
-
±16
V
Note 1. Nominal for 1000:1 Sweep
Note 2. With Q Enhancement
Note 3. +60mV < VCF < +260mV. Most of this error occurs at higher transconductance portion of
scale.
Note 4. + 60mV < VCF < + 260mV. As appears at VCP or VBP pin.
Note 5. -150mV< VCQ <+40mV. As appears at VCP or VBP pin.
Note 6. VIF or V|V = 40 mV.P.P.
Note 7. Vcf = 0. As appears at Vqp or Vgp pin. 20KHz bandwidth.
Note 8. Varies proportionally with transconductance.
Note 9. Varies inversely with transconductance.
Note 10. Total supply voltage across the chip should not exceed 26V
Specifications subject to change without notice.
Revision history
Date
Revision
Changes
17-Jun-2019
1
Preliminary version 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com