Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3363 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS3363
Description  Three Channel VCA (voltage polarizer)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3363 Datasheet(HTML) 3 Page - JSC ALFA.

  AS3363 Datasheet HTML 1Page - JSC ALFA. AS3363 Datasheet HTML 2Page - JSC ALFA. AS3363 Datasheet HTML 3Page - JSC ALFA. AS3363 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.1
3
AS3363
Application information
IC consists of 3 VCA blocks, which are controlled by voltage with maximum output current till
±100 µA each.
Outputs of
VCA can be connected together
, allowing current summing from different VCA’s. Maximum output voltage on each VCA
can’t exceed ±200 mV. If higher voltage is needed - IU converter must be used.
VCA1 and VCA2 each has one input signal. VCA3 has two non-inverting input signals IN3A and IN3B. Maximum voltage
on these inputs can’t exceed ±40mV , thus attenuator must be used with 1k resistor connected to GND.
Each VCA has two control inputs CVMix and Vcntrli, with input voltage ranging from -2V to +2V.
Control voltages
CVMix1 and CVMix2 allows to change amplification on the VCA output from maximum positive to maximum negative
“through silence”.
For example:
If CVMix = +2V -> VCA output = maximum non-inverted input signal,
If CVMix = -2V
-> VCA output = maximum inverted input signal,
If CVMix = 0V
-> VCA output = positive and negative signal are 100% subtracted (silence).
CVMIix3 of VCA3 controls mixing of input signals IN3A and IN3B:
If CVMix3 = +2V -> VCA output = maximum amplification from input IN3A,
If CVMix3 = -2V
-> VCA output = maximum amplification from input IN3B,
If CVMix3 = 0V
-> VCA output = balance from IN3A and IN3B -> 50/50.
Vcntrl1,2,3
– controls output currents of VCA1,2,3 to attenuation -100dB:
if Vcntrlx = +2V -> VCA provides maximum current to output,
if Vcntlrx = 0V
-> VCA provides approximately 50% of maximum current,
if Vcntlrx = -2V
-
> turns “OFF” output current.
For VCA1 and VCA2 mathematical equation is:
Ioutx ~ (Inx * CVMix - Inx (1-CVMix) ) * Vcntlx)
For VCA3 mathematical equation is:
Iout3 ~ (In3A *CVMix3 - In3B *(1- CVMix3) ) * Vcntl3)
Other possible
method of controlling VCA’s:
CVMix VCA1 and VCA2 are used only as activation of function "direct" or "inversed" signal transfer, and Vcntrl for
independent linear control of chosen direct or inversed signals.
CVMix3 of VCA3 can be to used only for chose of transfer from In3A or from In3B, and Vcntrl for independent linear control
of amplification of chosen input.
In such application amplification can be controlled independently and inputs CVMix and Vcntrl "change" one another.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com