Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13704D Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS13704D
Description  Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS13704D Datasheet(HTML) 2 Page - JSC ALFA.

  AS13704D Datasheet HTML 1Page - JSC ALFA. AS13704D Datasheet HTML 2Page - JSC ALFA. AS13704D Datasheet HTML 3Page - JSC ALFA. AS13704D Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.2
2
AS13704
Functional Block Diagram - One Operational Transconductance Amplifier
Specifications
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
36 VDC or ±18
V
DC input voltage
+VS
-VS
V
Differential input voltage
±5
V
Diode bias current (ID)
2
mA
Amplifier bias current (IABC)
2
mA
Power dissipation
(2) T
A = 25°C - AS13704D
400
mW
Output short circuit duration
Continuous
Storage temperature, Tstg
-65
150
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These are stress ratings only, which do not imply functional operation of the device at these or any
other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
(2)
For operation at ambient temperatures above 25°C, the device must be derated based on a 150°C
maximum junction temperature and a thermal resistance, junction to ambient, as follows: AS13704D,
90°C/W.
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
+Vs (single-supply configuration)
9.5
32
V
+Vs (dual-supply configuration)
4.75
16
V
- Vs (dual-supply configuration)
-16
-4.75
V
Operating temperature, TA
0
70
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com