Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV321
Description  1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV321 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV321 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
V1
2/16
Absolute Maximum Ratings
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7.5V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+160°C
Storage Temperature Range
-55°C
+150°C
Lead Temperature (soldering, 10sec)
+260°C
Package Thermal Resistance (TA=+25
℃)
SOP-8, θJA
125°C/W
MSOP-8, θJA
216°C/W
SOT23-5, θJA
190°C/W
SC70-5, θJA
333°C/W
ESD Susceptibility
HBM
6KV
MM
300V
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational
sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Package/Ordering Information
MODEL
CHANNEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
LMV321
Single
LMV321-UR
SC70-5
Tape and Reel,3000
321
LMV321-MR
SOT23-5
Tape and Reel,3000
321
LMV321Y-UR
SC70-5
Tape and Reel,3000
321Y
LMV321Y-MR
SOT23-5
Tape and Reel,3000
321Y
LMV358
Dual
LMV358-SR
SOP-8
Tape and Reel,4000
LMV358
LMV358-MR
MSOP-8
Tape and Reel,3000
LMV358
LMV358-PR
DIP-8
20Tube(1000pcs)
LMV358
LMV358-DR
DFN-8
Tape and Reel,3000
LMV358
LMV324
Quad
LMV324-TR
TSSOP-14
Tape and Reel,3000
LMV324
LMV324-SR
SOP-14
Tape and Reel,2500
LMV324
321/358/324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com