Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV324
Description  1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV324 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV324 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV324 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
V1
4/16
Typical Performance characteristics
At TA=+25
oC, V
S=+5V, and RL=100KΩ connected to VS/2, unless otherwise noted.
Large-Signal Step Response
Small-Signal Step Response
Time (4µs/div)
Time (2µs/div)
Supply Current vs. Supply Voltage
Short-Circuit Current vs. Supply Voltage
Supply Voltage (V)
Supply Voltage (V)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Current (mA)
Output Current (mA)
G=+1
CL=100pF
RL=100KΩ
G=+1
CL=100pF
RL=100KΩ
Sourcing Current
Sinking Current
Sourcing Current
Sinking Current
Vs=3V
Vs=5V
321/358/324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com