Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTQ52N30P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTQ52N30P
Description  N-Channel Enhancement Mode Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ52N30P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTQ52N30P Datasheet HTML 1Page - IXYS Corporation IXTQ52N30P Datasheet HTML 2Page - IXYS Corporation IXTQ52N30P Datasheet HTML 3Page - IXYS Corporation IXTQ52N30P Datasheet HTML 4Page - IXYS Corporation IXTQ52N30P Datasheet HTML 5Page - IXYS Corporation IXTQ52N30P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXTT52N30P
IXTQ52N30P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
20
30
S
C
iss
3490
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
550
pF
C
rss
130
pF
t
d(on)
24
ns
t
r
22
ns
t
d(off)
60
ns
t
f
20
ns
Q
g(on)
110
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
25
nC
Q
gd
53
nC
R
thJC
0.31
C/W
R
thCS
TO-3P
0.25
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
52
A
I
SM
Repetitive, Pulse Width Limited by T
JM
150
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
250
ns
Q
RM
3.0
μC
I
F = 25A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 4 (External)
TO-3P Outline
1 - GATE
2,4 - DRAIN
3 - SOURCE
TO-268 Outline
1 - GATE
2,4 - DRAIN
3 - SOURCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com