Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTD2012F3C Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APTD2012F3C
Description  2.0 x 1.25 mm Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APTD2012F3C Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APTD2012F3C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAP5544 / 1203015876 Rev No: V.2A Date: 10/12/2018
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
550
600
650
700
750
800
850
900
950
1000 1050
Ta = 25 °C
F3
Wavelength (nm)
RELATIVE INTENSITY vs. WAVELENGTH
INFRARED
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
0.5
0.5
90°
15°
0°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
APTD2012F3C
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
0
10
20
30
40
50
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
60
70
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Radiant Intensity vs.
Forward Current
Radiant Intensity vs.
Ambient Temperature
Forward Current Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com