Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF310 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DBF310
Description  3.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DBF310 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DBF310 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DBF310 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
305
DBF305 – DBF310
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DBF
DBF
31
DBF
32
DBF
34
DBF
36
DBF
38
DBF
310
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@T
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
110
A
Forward Voltage per element
@IF
FM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
30
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
15
5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 13mm
2 copper pad.
1 of 2
DBF305 - DBF310
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
= 3.0A
V
Case: DBF, Molded Plastic
Low Forward Voltage Drop
High Surge Current Capability
Glass Passivated Die Construction
Classification 94V-O
MIL-STD-202, Method 208
Designed for Surface Mount Application
Features
High Current Capability
Plastic Material – UL Recognition Flammability
Mechanical Data
Terminals: Plated Leads Solderable per
Polarity: As Marked on Case
Weight: 1.0 grams (approx.)
Mounting Position: Any
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
dimensions in inches and (millimeters)
DBF
-
+
.295 ( 7.5 )
.323 ( 8.2 )
.031 ( 0.8 )
.047 ( 1.2 )
.150 ( 3.8 )
.165 ( 4.2 )
.0197 ( 0.5 )
.059 ( 1.5 )
A = 100 °C
IO
Alldatasheet


Similar Part No. - DBF310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DBF310 DIODES-DBF310 Datasheet
553Kb / 5P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Nanjing International G...
DBF310 DGNJDZ-DBF310 Datasheet
289Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF310-13 DIODES-DBF310-13 Datasheet
553Kb / 5P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
More results

Similar Description - DBF310

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC1005 TAITRON-GBPC1005 Datasheet
208Kb / 4P
3.0A Glass Passivated Bridge Rectifier
TB305G TAITRON-TB305G Datasheet
168Kb / 4P
3.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3KB1 YFWDIODE-D3KB1 Datasheet
461Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com