Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4376CDHD#PBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4376CDHD#PBF
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376CDHD#PBF Datasheet(HTML) 4 Page - Analog Devices

  LTC4376CDHD#PBF Datasheet HTML 1Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 2Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 3Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 4Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 5Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 6Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 7Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 8Page - Analog Devices LTC4376CDHD#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4376
4
Rev 0
For more information www.analog.com
CS Current vs
Forward Voltage Drop
OUTK Current vs
Forward Voltage Drop
Total Negative Current vs
Negative Input Voltage
GATE Current vs
Forward Voltage Drop
GATE Drive vs GATE Current
Forward Voltage Drop vs
Load Current
VCS = 40V
VCS = 12V
VCS = 4V
∆VSD (V)
–1
–0.5
0
0.5
1
–50
0
50
100
150
200
4376 G04
VINK = 40V
VINK = 12V
VINK = 4V
∆VSD (V)
–1
–0.5
0
0.5
1
0
40
80
120
160
4376 G05
INK = CS = SHDN
VOLTAGE (V)
0
–10
–20
–30
–40
0
–0.5
–1.0
–1.5
–2.0
4376 G06
∆VSD (mV)
–50
0
50
100
150
40
30
20
10
0
–10
–20
4376 G07
VINK = VIN = 12V
VGATE = VIN + 2.5V
VINK > 12V
VINK = 8V
VINK = 4V
INK = CS
IGATE (µA)
0
–5
–10
–15
0
5
10
15
4376 G08
VIN = 40V
VIN = 4V
ILOAD (A)
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
4376 G09
TYPICAL PERFORMANCE CHARACTERISTICS
MOSFET RDS(ON) vs Temperature
FET Turn-Off Time vs
Initial Overdrive
FET Turn-Off Time vs
Final Overdrive
VIN = 40V
VIN = 4V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
10
15
20
25
4376 G10
VINITIAL (V)
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
4376 G11
VINK = 12V
∆VSD = VINITIAL –1V
VFINAL (V)
0
–0.2
–0.4
–0.6
–0.8
–1
0
500
1000
1500
2000
4376 G12
VINK = 12V
∆VSD = 45mV VFINAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com