Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS80N10KA Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMS80N10KA
Description  N-Channel Super Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS80N10KA Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS80N10KA Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS80N10KA Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
1.2
/W
℃
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
100
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=100V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1.2
1.7
2.2
V
VGS=10V, ID=39A
-
7.2
8.5
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=39A
-
9.5
12
mΩ
Forward Transconductance
gFS
VDS=10V,ID=39A
40
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
4200
5480
PF
Output Capacitance
Coss
-
354
425
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
-
23
30
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
15
-
nS
Turn-on Rise Time
tr
-
10
-
nS
Turn-Off Delay Time
td(off)
-
41
-
nS
Turn-Off Fall Time
tf
VDD=50V,ID=39A
VGS=10V,RG=4.7Ω
-
6
-
nS
Total Gate Charge
Qg
-
65
nC
Gate-Source Charge
Qgs
-
15.3
nC
Gate-Drain Charge
Qgd
VDS=50V,ID=39A,
VGS=10V
-
9
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=8
0A
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
8
0
A
Reverse Recovery Time
trr
-
101
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = IS
di/dt = 100A/μs
(Note3)
-
193
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition : Tj=25 ,V
℃ DD=50V,VG=10V,L=0.5mH,Rg=25Ω
HMS80N10KA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com