Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF60 Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320C80GF60
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF60 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320C80GF60 Datasheet HTML 74Page - Texas Instruments TMS320C80GF60 Datasheet HTML 75Page - Texas Instruments TMS320C80GF60 Datasheet HTML 76Page - Texas Instruments TMS320C80GF60 Datasheet HTML 77Page - Texas Instruments TMS320C80GF60 Datasheet HTML 78Page - Texas Instruments TMS320C80GF60 Datasheet HTML 79Page - Texas Instruments TMS320C80GF60 Datasheet HTML 80Page - Texas Instruments TMS320C80GF60 Datasheet HTML 81Page - Texas Instruments TMS320C80GF60 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
page sizing (continued)
Table 33. Page-Size Selection
PS[3:0]
ADDRESS BITS COMPARED
PAGE SIZE (BYTES)
0 0 0 0
A(31:6)
64
0 0 0 1
A(31:7)
128
0 0 1 0
A(31:8)
256
0 0 1 1
A(31:9)
512
0 1 0 0
A(31:10)
1K
0 1 0 1
A(31:18)
256K
0 1 1 0
A(31:19)
512K
0 1 1 1
A(31:20)
1M
1 0 0 0
A(31:0)
1–8†
1 0 0 1
A(31:11)
2K
1 0 1 0
A(31:12)
4K
1 0 1 1
A(31:13)
8K
1 1 0 0
A(31:14)
16K
1 1 0 1
A(31:15)
32K
1 1 1 0
A(31:16)
64K
1 1 1 1
A(31:17)
128K
† PS[3:0] = 1000 disables page-mode cycles so that the effective page size is the same
as the bus size
block write support
The TMS320C80 supports three modes of VRAM block write. The block-write mode is dynamically selectable
so that software may specify block writes without knowing what type of block write the addressed memory
supports. Block writes are supported only for 64-bit buses. During block-write and load-color-register cycles,
the BS[1:0] inputs determine which block mode will be used (see Table 34).
Table 34. Block-Write Selection
BS[1:0]
BLOCK-WRITE MODE
0 0
Simulated
0 1
Reserved
1 0
4x
1 1
8x
SDRAM support
The TMS320C80 provides direct support for synchronous DRAM (SDRAM), VRAM (SVRAM), and graphics
RAM (SGRAM). During ’C80 power-up refresh cycles, the external system must signal the presence of these
memories by inputting a CT2 value of 0. This causes the ’C80 to perform special deactivate (DCAB) and mode
register set (MRS) commands to initialize the synchronous RAMs. Figure 60 shows the MRS value generated
by the ’C80. Note that read latency 4 timing programs the mode register for a read latency of 3. See Figure 60
for a listing of MRS values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com