Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45459 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45459
Description  SMA Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45459 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45459 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45459 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45459 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45459 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45459 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45459 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
• SMA Female Connector
• 50 Ohms
• Straight Body Geometry
• Vertical Launch Interface Type
• Clamp Attachment
Features
• Max. Operating Frequency 26.5 GHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• Reusable vertical launch installation
Applications
• General Purpose Test
• PCB Applications
• Signal Integrity Measurement
• Chip Evaluations
• SERDES
• Vertical Launch Test Fixtures
.
Description
Pasternack’s PE45459 SMA female connector with clamp attachment for vertical launch PCB is part of our full line of RF
components available for same-day shipping. Our SMA female connector operates up to a maximum frequency of 26.5 GHz
and ofers good VSWR of 1.3:1.
Our SMA female connector PE45459 datasheet speciications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to conigure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly coniguration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
26.5
GHz
VSWR
1.3:1
.
Electrical Speciication Notes:
Actual VSWR performance is largely dependent on circuit board design. For optimal results, the connector and circuit
launch geometry should be modeled using Electromagnetic Simulation tools.
Mechanical Speciications
Size
Length
0.441 in [11.2 mm]
Width/Dia.
0.222 in [5.64 mm]
Height
0.39 in [9.91 mm]
.
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certiications: SMA Female Connector Clamp Attachment Vertical Launch PCB, Removable Microstrip
Launch PE45459
PE45459 REV 1.0
SMA Female Connector Clamp Attachment Vertical
Launch PCB, Removable Microstrip Launch
RF Conne c t ors
Te c hnic a l Da t a She e t
PE4 5 4 5 9


Similar Part No. - PE45459

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4545 PASTERNACK-PE4545 Datasheet
199Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE4545 PASTERNACK-PE4545 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
logo
Pasternack Enterprises,...
PE45450 PASTERNACK-PE45450 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45450 PASTERNACK-PE45450_V01 Datasheet
537Kb / 6P
2.92mm Female Connector
More results

Similar Description - PE45459

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5191 ETC2-5191 Datasheet
121Kb / 1P
SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
ADP-SMAF-SMAF ETC2-ADP-SMAF-SMAF Datasheet
118Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM ETC2-ADP-SMAM-SMAM Datasheet
127Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
logo
Pasternack Enterprises,...
PE91153 PASTERNACK-PE91153 Datasheet
368Kb / 3P
Precision SMA Female to SMA Female
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE45458 PASTERNACK-PE45458 Datasheet
535Kb / 6P
SMA Female Connector
logo
Linx Technologies
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com