Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4702 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4702
Description  LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4702 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4702 Datasheet HTML 1Page - National Semiconductor (TI) LM4702 Datasheet HTML 2Page - National Semiconductor (TI) LM4702 Datasheet HTML 3Page - National Semiconductor (TI) LM4702 Datasheet HTML 4Page - National Semiconductor (TI) LM4702 Datasheet HTML 5Page - National Semiconductor (TI) LM4702 Datasheet HTML 6Page - National Semiconductor (TI) LM4702 Datasheet HTML 7Page - National Semiconductor (TI) LM4702 Datasheet HTML 8Page - National Semiconductor (TI) LM4702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V-|
200V
Differential Input Voltage
+/-6V
Common Mode Input Range
0.4 Vee to 0.4 Vcc
Power Dissipation (Note 3)
4W
ESD Susceptibility (Note 4)
1.5kV
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
JMAX) (Note 9)
150˚C
Soldering Information
T Package (10 seconds)
260˚C
Storage Temperature
-40˚C to +150˚C
Thermal Resistance
θ
JA
30˚C/W
θ
JC
1˚C/W
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−20˚C
≤ T
A
≤ +75˚C
Supply Voltage |V
+|+|V-|
LM4702A (in development)
+/-20V
≤ V
TOTAL
≤ +/-85V
LM4702B (in development)
+/-20V
≤ V
TOTAL
≤ +/-80V
LM4702C
+/-20V
≤ V
TOTAL
≤ +/-75V
Electrical Characteristics (LM4702C) Vcc = +75V, Vee = –75V (Notes 1, 2)
The following specifications apply for I
MUTE = 1.5mA, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4702
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
CC
Total Quiescent Power Supply
Current
V
CM = 0V, VO = 0V, IO = 0A
25
30
mA (max)
THD+N
Total Harmonic Distortion +
Noise
No load, A
V = 30dB
V
OUT = 14VRMS @ 1kHz
0.005
%
R
S
Input Bias Resistor
50
100
k
Ω (max)
Av
Closed Loop Voltage Gain
26
dB (min)
Av open
Open Loop Gain
Vin = 1mVrms, f = 1KHz, C = 30pF
93
dB
Vom
Output Voltage Swing
THD = 0.05%, Freq = 20Hz to 20KHz
51
Vrms (min)
Vnoise
Output Noise
Rs = 10k
Ω, LPF = 30kHz, Av = 30dB
A-weighted
150
300
µV (max)
90
µV
I
OUT
Output Current
Current from Source to Sink Pins
5.5
3
10
mA(min)
mA (max)
I
mute
Current into Mute Pin
To put part in “play” mode
1.5
1
2
mA(min)
mA (max)
X
TALK
Channel Separation (Note 11)
f = 1kHz @ Av = 30dB
85
dB
SR
Slew Rate
V
IN = 1.2VP-P, f = 10kHz square Wave,
Outputs shorted
15
V/µs
V
OS
Input Offset Voltage
V
CM = 0V, IO = 0mA
10
35
mV (max)
I
B
Input Bias Current
V
CM = 0V, IO = 0mA
500
nA
PSRR
Power Supply Rejection Ratio
Rs = 1k, f = 100Hz,
Vripple = 1Vrms, Input Referred
110
95
dB (min)
Electrical Characteristics (LM4702C) Vcc = +50V, Vee = –50V (Notes 1, 2)
The following specifications apply for I
MUTE = 1.5mA, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4702
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
CC
Total Quiescent Power Supply
Current
V
CM = 0V, VO = 0V, IO = 0A
22
30
mA (max)
THD+N
Total Harmonic Distortion +
Noise
No load, A
V = 30dB
V
OUT = 10VRMS @ 1kHz
0.005
%
R
S
Input Bias Resistor
50
100
k
Ω (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com