Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3545ID
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC3545ID Datasheet HTML 2Page - Texas Instruments TLC3545ID Datasheet HTML 3Page - Texas Instruments TLC3545ID Datasheet HTML 4Page - Texas Instruments TLC3545ID Datasheet HTML 5Page - Texas Instruments TLC3545ID Datasheet HTML 6Page - Texas Instruments TLC3545ID Datasheet HTML 7Page - Texas Instruments TLC3545ID Datasheet HTML 8Page - Texas Instruments TLC3545ID Datasheet HTML 9Page - Texas Instruments TLC3545ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
6
www.ti.com
timing requirements, VDD = 5 V, VREF = 4.096 V, SCLK frequency = 15 MHz (unless otherwise specified)
MIN
TYP
MAX
UNIT
tcyc(SCLK) SCLK cycle time, VDD = 4.5 V to 5.5 V (see Note 3)
66
10000
ns
tw1
Pulse duration, SCLK low
27
5000
ns
tw2
Pulse duration, SCLK high
27
5000
ns
th1
Hold time, CS high after SCLK falling edge
3
ns
tsu1
Setup time, CS falling edge before the first SCLK falling edge
15
ns
th2
Hold time, CS low after 16th SCLK falling edge
5
ns
tw3
Pulse duration, CS high
0.5
SCLKs
td1
Delay time, CS falling edge to SDO MSB valid, VDD = VREF = 4.5 V, 20 pF
12
17
ns
td2
Delay time, SCLK rising edge to next SDO data bit valid, VDD = VREF = 4.5 V, 20 pF
15
ns
td3
Delay time, 17th SCLK rising edge to 3-stated SDO, VDD = VREF = 4.5 V, 20 pF (see Note 4)
20
ns
tsu3
Setup time, CS falling edge before FS rising edge (TLC3541 only)
0.5
1
SCLKs
tw4
Pulse duration, FS high (TLC3541 only)
0.5
1
SCLKs
tsu4
Setup time, FS rising edge before SCLK falling edge (TLC3541 only)
12.5
ns
th4
Hold time, FS high after SCLK falling edge (TLC3541 only)
5
ns
tsu5
Setup time, FS falling edge before 1st SCLK falling edge (TLC3541 only)
12
ns
td4
Delay time, FS rising edge to SDO MSB valid, (VDD = VREF = 4.5 V, 20 pF TLC3541 only)
15
ns
th6
Hold time, CS low after 1st SCLK falling edge
5
ns
tsu6
Setup time, CS rising edge before 9th (or the last) SCLK falling edge
5
ns
th7
Hold time, FS low after 1st SCLK falling edge (TLC3541 only)
5
ns
tsu7
Setup time, FS rising edge before 9th (or the last) SCLK falling edge
5
ns
tcyc(reset)
Active CS/FS cycle time, SCLK falling edges required to initialize ADC
1
8
SCLKs
tconv
Conversion time (20 conversion clocks based on 7.5 MHz to 12 MHz OSC)
1.67
2.67
µs
ts
Sample time, 20 SCLKs, SCLK up to 15 MHz
1.33
200
µs
NOTES:
3. Timing specifications given for 40/60 to 60/40 duty cycle
4. SDO goes into the high impedance state after detection of the 17th rising SCLK edge or a rising CS edge if a 17th SCLK is not
presented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com