Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU323AP Datasheet(PDF) 2 Page - ON Semiconductor

Part # BU323AP
Description  DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323AP Datasheet(HTML) 2 Page - ON Semiconductor

  BU323AP Datasheet HTML 1Page - ON Semiconductor BU323AP Datasheet HTML 2Page - ON Semiconductor BU323AP Datasheet HTML 3Page - ON Semiconductor BU323AP Datasheet HTML 4Page - ON Semiconductor BU323AP Datasheet HTML 5Page - ON Semiconductor BU323AP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BU323AP
3–2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS1
Collector–Emitter Sustaining Voltage (Figure 1)
L = 10 mH
(IC = 200 mAdc, IB = 0, Vclamp = Rated VCEO)
VCEO(sus)
400
Vdc
Collector–Emitter Sustaining Voltage (Figure 1)
(IC = 3 A, RBE = 100 Ohms, L = 500 µH)
Unclamped
VCER(sus)
475
Vdc
Collector Cutoff Current (Rated VCER, RBE = 100 Ohms)
ICER
1
mAdc
Collector Cutoff Current (Rated VCBO, IE = 0)
ICBO
1
mAdc
Emitter Cutoff Current (VEB = 6 Vdc, IC = 0)
IEBO
40
mAdc
ON CHARACTERISTICS1
DC Current Gain
(IC = 3 Adc, VCE = 6 Vdc)
(IC = 6 Adc, VCE = 6 Vdc)
(IC = 10 Adc, VCE = 6 Vdc)
hFE
300
150
50
550
350
150
2000
Collector–Emitter Saturation Voltage
(IC = 3 Adc, IB = 60 mAdc)
(IC = 6 Adc, IB = 120 mAdc)
(IC = 10 Adc, IB = 300 mAdc
(IC = 6 Adc, IB = 120 mAdc, TC = – 40_C)
VCE(sat)
1.5
1.7
2.7
2.0
Vdc
Base–Emitter Saturation Voltage
(IC = 6 Adc, IB = 120 mAdc)
(IC = 10 Adc, IB = 300 mAdc)
(IC = 6 Adc, IB = 120 mAdc, TC = – 40_C)
VBE(sat)
2.2
3
2.4
Vdc
Base–Emitter On Voltage (IC = 10 Adc, VCE = 6 Vdc)
VBE(on)
2.5
Vdc
Diode Forward Voltage (IF = 10 Adc)
Vf
2
3.5
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 100 kHz)
Cob
165
350
pF
SWITCHING CHARACTERISTICS
Storage Time
(VCC = 12 Vdc, IC = 6 Adc,
ts
7.5
15
µs
Fall Time
( CC
, C
,
IB1 = IB2 = 0.3 Adc) Fig. 2
tf
5.2
15
µs
FUNCTIONAL TESTS
Second Breakdown Collector Current with
Base–Forward Biased
IS/B
See
Figure 10
Pulsed Energy Test (See Figure 12)
IC2L /2
550
mJ
1Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%.
0 V
t1
20 ms
*
470
≈ 1K
≈ 30
L
47
1N4001
BC337
VCEO
VCER
100
B
TUT
C
*
E
Vclamp
UNCLAMPED
CLAMPED
* Adjust t1 such that
* IC reaches Required
* value.
VCC = 16 Vdc
ftest = 200 Hz
PULSE WIDTH = 1 ms
≈ 1K
≈ 30
B
TUT
C
E
40
51
100
IB = 0.3 Adc
VCC = 12 Vdc
2
Ω/20 W
IC = 6 Adc
≈ 15 Vdc
0 Vdc
1N4001
Figure 1. Sustaining Voltage Test Circuit
Figure 2. Switching Times Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com