Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2811 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2811
Description  3W Stereo Class-D Amplifier with Audio Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2811 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2811 Datasheet HTML 1Page - Princeton Technology Corp PT2811 Datasheet HTML 2Page - Princeton Technology Corp PT2811 Datasheet HTML 3Page - Princeton Technology Corp PT2811 Datasheet HTML 4Page - Princeton Technology Corp PT2811 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PT2811
3W Stereo Class-D Amplifier with
Audio Processor
V1.1
2
January 2014
APPLICATION CIRCUIT
Audio
BT
TV
Tuner
AUX
FB
L3
U1
RSPK
L4
FB
FB
L5
U2
LSPK
L6
FB
1uF
C27
1uF
C26
10uF
C33
FB
L2
FB
L1
C34
100uF
P2
GND
P1
+5V
10uF
C32
Host
MCU
R2
L3
L2
L1
DIFFL-
DIFFR-
DIFFR+
R1
NC
NC
LON
LGND
LVDD
LOP
ROP
RVDD
NC
RON
RGND
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
R3
NC
PT2811
NC
NC
DIFFL+
BT=Bluetooth module with fully differential output.
The ferrite bead lowpass filter is an optional item; it is useful to reduction the EMI emission.
Lowpass Filter (option)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com