Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545IDR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3545IDR
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545IDR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC3545IDR Datasheet HTML 15Page - Texas Instruments TLC3545IDR Datasheet HTML 16Page - Texas Instruments TLC3545IDR Datasheet HTML 17Page - Texas Instruments TLC3545IDR Datasheet HTML 18Page - Texas Instruments TLC3545IDR Datasheet HTML 19Page - Texas Instruments TLC3545IDR Datasheet HTML 20Page - Texas Instruments TLC3545IDR Datasheet HTML 21Page - Texas Instruments TLC3545IDR Datasheet HTML 22Page - Texas Instruments TLC3545IDR Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
19
www.ti.com
MECHANICAL DATA
DGK (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
0,15 NOM
Gage Plane
4073329/B 04/98
4,98
0,25
5
3,05
4,78
2,95
8
4
3,05
2,95
1
0,38
1,07 MAX
Seating Plane
0,65
M
0,25
0
°−6°
0,10
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com