| Electronic Components Datasheet Search |
|
SMD2018 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SMD2018 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
1 / 3 page ![]() POLYMER RESETTABLE FUSE Trustworthy electronic circuit protection expert SMD2018 Series www.yint.com.cn Rev:19.3 1 SMD2018 Series Features ● Smaller size saves board space and cost ● Resettable circuit protection ● Fast time-to-trip ● Low resistance ● Surface mount packaging for automated assembly ● Lead-free and compliant with the European Union RoHS Directive 2002/95/EC Application Polymer Resettable Fuse for over-current, over-temperature and short-circuit protection ● Computer motherboards ● IEEE1394 Ports ● USB hub, ports and peripherals ● Phones ● Data communication ● Modems/ Ethernet/LAN General Description Polymer resettable fuse are made of polymeric PTC materials which is a matrix of polymer containing dispersed conductive particles. Generally, the device has a very low resistance. If an over-current happened, as a response to the damage current, the resistance will immediately increase to very high, reducing the current of the circuit to a safe value that the loading can carry. Once fault to the circuit is weed out and power is recuperated, the polymer will deflate itself , the device will reset and is ready for normal operation. Product Dimensions (mm) 型号 A B C D E Min. Max. Min. Max. Min. Max. Min. Min SMD2018-030 4.72 5.44 4.22 4.93 0.60 1.10 0.30 0.25 SMD2018-050 4.72 5.44 4.22 4.93 0.60 1.10 0.30 0.25 SMD2018-100 4.72 5.44 4.22 4.93 0.45 0.80 0.30 0.25 SMD2018-100-33 4.72 5.44 4.22 4.93 0.45 0.80 0.30 0.25 SMD2018-150 4.72 5.44 4.22 4.93 0.45 0.80 0.30 0.25 SMD2018-200 4.72 5.44 4.22 4.93 0.45 0.80 0.30 0.25 |
Similar Part No. - SMD2018 |
|
Similar Description - SMD2018 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |