Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT549 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMMT549
Description  PNP Low-Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMMT549 Datasheet(HTML) 4 Page - ON Semiconductor

  FMMT549 Datasheet HTML 1Page - ON Semiconductor FMMT549 Datasheet HTML 2Page - ON Semiconductor FMMT549 Datasheet HTML 3Page - ON Semiconductor FMMT549 Datasheet HTML 4Page - ON Semiconductor FMMT549 Datasheet HTML 5Page - ON Semiconductor FMMT549 Datasheet HTML 6Page - ON Semiconductor FMMT549 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMMT549 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Collector-Emitter Voltage vs.
Collector Current
Figure 2. Current Gain vs. Collector Current
Figure 4. Base-Emitter On Voltage vs.
Collector Current
Figure 5. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 5. Collector-Emitter Saturation Voltage vs.
Collector Current
Figure 6. Input / Output Capacitance vs.
Reverse Bias Voltage
0
12345
0
100
200
300
400
500
600
700
800
4mA
3.5mA
3mA
2.5mA
1mA
Ib=0.5mA
2mA
1.5mA
Collector-Emitter Voltage, Vce[V]
0.0001
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
I - COLLECTOR CURRENT (A)
C
25°C
125°C
- 40°C
V
= 2.0V
ce
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
V
= 2.0V
ce
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
β = 10
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRENT (A)
C
- 40°C
25°C
125°C
β = 10
0.1
0.5
1
10
20
50
100
0
20
40
60
80
100
120
V
- COLLECTOR VOLTAGE (V)
CE
V
= 2.0V
ce
C ibo
Cobo
f = 1.0MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com