Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP2272Y/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # VSP2272Y/2K
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272Y/2K Datasheet(HTML) 1 Page - Texas Instruments

  VSP2272Y/2K Datasheet HTML 1Page - Texas Instruments VSP2272Y/2K Datasheet HTML 2Page - Texas Instruments VSP2272Y/2K Datasheet HTML 3Page - Texas Instruments VSP2272Y/2K Datasheet HTML 4Page - Texas Instruments VSP2272Y/2K Datasheet HTML 5Page - Texas Instruments VSP2272Y/2K Datasheet HTML 6Page - Texas Instruments VSP2272Y/2K Datasheet HTML 7Page - Texas Instruments VSP2272Y/2K Datasheet HTML 8Page - Texas Instruments VSP2272Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
CCD SIGNAL PROCESSOR
FOR DIGITAL CAMERAS
1
www.ti.com
FEATURES
D CCD Signal Processing:
– Correlated Double Sampling (CDS)
– Programmable Black Level Clamping
D Programmable Gain Amplifier (PGA)
–6-dB to 42-dB Gain Ranging
D 12-Bit Digital Data Output:
– Up to 28-MHz Conversion Rate
– No Missing Codes
D 77-dB Signal-To-Noise Ratio
D Portable Operation:
– Low Voltage: 2.7 V to 3.6 V
– Low Power: 94 mW (Typ) at 3 V
– Stand-By Mode: 6 mW
APPLICATIONS
D DSC, DVC, Security Camera
DESCRIPTION
The VSP2272 device is a complete mixed-signal
processing IC for digital cameras providing signal
conditioning and analog-to-digital conversion for the
output of a charge-coupled device (CCD) array. The
primary CCD channel provides correlated double
sampling (CDS) to extract the video information from
the pixels, –6-dB to 42-dB gain range with digital control
for varying illumination conditions, and black level
clamping for an accurate black level reference. Input
signal clamping and offset correction of the input CDS
are also performed. The stable gain control is linear in
dB. Additionally, the black level is quickly recovered
after gain change.
The VSP2272Y device is available in a 48-lead LQFP
package and the VSP2272M device is available in a
48-lead P-VQFN package. Both devices operate from
a single 3-V/3.3-V supply.
AVAILABLE OPTIONS
PRODUCT
PACKAGE
PACKAGE
OUTLINE
DESIGNATOR†
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER‡
TRANSPORT
MEDIA
VSP2272Y
VSP2272Y
VSP2272M
VSP2272M
48-Lead LQFP
48-Lead LQFP
48-Lead P-VQFN
48-Lead P-VQFN
PT
PT
RGN
RGN
–25
°C to 85°C
–25
°C to 85°C
–25
°C to 85°C
–25
°C to 85°C
VSP2272Y
VSP2272Y
VSP2272M
VSP2272M
VSP2272Y
VSP2272Y/2K
VSP2272M
VSP2272M/2K
250-piece tray
Tape and reel
250-piece tray
Tape and reel
† A detailed drawing and a dimension table are located at the end of the data sheet.
‡ Models with a slash (/) are available only in tape and reel in the quantities indicated (e.g., /2K indicates 2,000 devices per reel). Ordering 2,000
pieces of the VSP2272Y/2K device will get a single 2,000-piece tape and reel.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - VSP2272Y/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2272Y/2K TI1-VSP2272Y/2K Datasheet
1Mb / 8P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results

Similar Description - VSP2272Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2232 TI-VSP2232 Datasheet
248Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2212 TI1-VSP2212_16 Datasheet
529Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com