Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB660A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB660A
Description  PNP Low Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB660A Datasheet(HTML) 2 Page - ON Semiconductor

  FSB660A Datasheet HTML 1Page - ON Semiconductor FSB660A Datasheet HTML 2Page - ON Semiconductor FSB660A Datasheet HTML 3Page - ON Semiconductor FSB660A Datasheet HTML 4Page - ON Semiconductor FSB660A Datasheet HTML 5Page - ON Semiconductor FSB660A Datasheet HTML 6Page - ON Semiconductor FSB660A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.
onsemi.com
© 2001 Semiconductor Co
mponents Industries, LLC
FSB660A Rev.
2
1
September 2018
FSB660A
PNP Low Saturation Transistor
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty cycle operations.
Part Number
Marking
Package
Packing Method
FSB660A
660A
SSOT 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-60
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
-2
A
TJ, TSTG Operating and Storage Junction Temperature Range
-55 to +150
°C
SuperSOT™-3 (SOT-23)
Description
These devices are designed with high-current gain and
low saturation voltage with collector currents up to 2 A
continuous.
B
E
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com