Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3309L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3309L
Description  3:1 Mux/Demux Bus Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3309L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3309L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3309L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3309L Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8330C
01/11/01
Product Features
• Near zero propagation delay
• 5-Ohm switches connect inputs to outputs
•
Direct bus connection when switches are ON
•
Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Packages available:
– 8 pin 173 mil wide plastic TSSOP (L)
– 8 pin 118 mil wide plastic MSOP (U)
Logic Block Diagram
Truth Table(1)
Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
PI5C3309 is a 3:1 Multiplexer/Demultiplexer with 3-State outputs.
Inputs can be connected to outputs with low ON resistance (5-ohm)
with no additional ground bounce noise or propagation delay.
ProductPinConfiguration
Product Pin Description
Pin Name
Description
IAn
Data Inputs
S0–1
Select Inputs
YA
Data Output
GND
Ground
VCC
Power
Note: 1. H = High Voltage Level
L = Low Voltage Level
t
c
e
l
e
S
S1
S0
A
Yn
o
i
t
c
n
u
F
LL
0
A
I0
=
0
-
1
S
LH
1
A
I1
=
0
-
1
S
HL
2
A
I2
=
0
-
1
S
HH
Z
-
i
H3
=
0
-
1
S
IA0
IA1
IA2
S0
S1
YA
PI5C3309
3:1 Mux/Demux Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8-Pin
L,U


Similar Part No. - PI5C3309L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3309UEX PERICOM-PI5C3309UEX Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5C3309L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
Dual 4:1 Mux/DeMux Bus Switch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com